Part Number Hot Search : 
BH7601FS DRS1212 1215S 37300 627ER 2SB15 00BGXC 3DD130
Product Description
Full Text Search
 

To Download OC100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Opto Coupler
OC100
5 3 LED 4 6
10kV OptoDiode 1 LED 2
ABSOLUTE MAXIMUM RATINGS LED * Forward DC Current 100 mA * Surge Current 2.5 A * Reverse Voltage 5V * Power Dissipation 200 mW at 25C Photodiode * Reverse Voltage 10,000 V * Power Dissipation 1W _______________________________________________ * Storage Temperature -40C to +125C * Operating Temperature -40C to +100C * Isolation Test Voltage 25 kV (Pins 1, 2, 3, & 4 tied to pins 5 & 6)
ELECTRICAL CHARACTERISTICS LED * Forward Voltage (If = 100 mA) 1.5 V * Reverse Leakage Current 10nA VR = 5 V Photodiode * Foward Voltage (If = 0.6 A) 12.0 V MAX * Reverse Leakage Current Typical VR = 10 kV, ILED = 0 mA 250 nA VR = 10 kV, ILED = 100 mA 100 A Coupled * DC Current Transfer Ratio * TON * TOFF 0.1% 2 s 2 s
All ratings at 25C unless otherwise noted.
VOLTAGE MULTIPLIERS INC. 8711 W. Roosevelt Ave. Visalia, CA 93291
TEL 559-651-1402 FAX 559-651-0740 www.voltagemultipliers.com
OC100
.97 (24.64) .225 (5.72)
3 4 5 6 1 2
10 kV Power Supply 100 M
1.00 (25.4)
VOUT .450(11.43)
3 5 1
.322(8.18)
Feedback & Control
.161 (4.09) 1.00 (25.4)
LABELING
.485 (12.32) .165 (4.19)
4
6
2
.094 (2.39) 1.050 (26.67)
Typical HV Linear Regulator Circuit Select resistor value to optimize circuit for VOUT and IOUT range.
1000.0
PHOTODIODE REVERSE CURRENT VS. TEMPERATURE AT Vrwm
0.16 0.14
OPTOCOUPLER GAIN VS. TEMPERATURE
Reverse Current (uA)
0.12 Percent Gain 100.0 0.10 0.08 0.06 0.04 1.0 25 50 75 100 Temperature (C) Temperature (C) 125 150 0.02 -25
10.0
0
25
50 75 100 Temperature (C)
125
150


▲Up To Search▲   

 
Price & Availability of OC100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X